Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 178 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 178 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 181Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 182Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
178
Rev.A9
03/07/2023
8.69 READ DLP OPERATION (RDDLP, 41h)
The instruction is shifted on SI, then the 8-bit DLP from VDLR is shifted out on SO. It is possible to read the DLP
continuously by providing multiples of eight clock cycles.
Figure 8.152 RDDLP Sequence In SPI Mode
Instruction = 41h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
tV
7
7
6
0
6
...
0
7
6
0
...
...
...
71
Register Read
Repeat Register Read
...
Repeat Register Read
Figure 8.153 RDDLP Sequence In QPI Mode
41h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
tV
...
16
17
7 : 0
7 : 0
...
7 : 0
Register
Read
Repeat
Register
Read
Repeat
Register
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com