Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 176 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 176 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 180Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
176
Rev.A9
03/07/2023
8.67 PROGRAM NVDLR OPERATION (PNVDLR, 43h)
Before the Program NVDLR (PNVDLR) command can be accepted by the device, a Write Enable (WREN)
command must be issued and decoded by the device. After the Write Enable (WREN) command has been decoded
successfully, the device will set the Write Enable Latch (WEL) to enable the PNVDLR operation.
The PNVDLR command (43h) is entered by shifting the instruction and data byte on SI.
CE# must be driven to the logic high state after the eighth (8th) bit of data has been latched. If not, the PNVDLR
command is not executed. As soon as CE# is driven to the logic high state, the self-timed PNVDLR operation is
initiated. While the PNVDLR operation is in progress, the Status Register may be read to check the value of the
Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a 1 during the PNVDLR cycle, and is 0 when it is
completed. The PNVDLR operation can report a program error in the P_ERR bit of the Extended Read Register.
When the PNVDLR operation is completed, the Write Enable Latch (WEL) is set to 0.
Figure 8.148 PNVDLR Sequence In SPI Mode
Instruction = 43h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.149 PNVDLR Sequence In QPI Mode
43h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com