Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 173 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 173 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 170Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 171Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
173
Rev.A9
03/07/2023
8.66 DATA LEARNING PATTERN (DLP)
The Data Learning Pattern is a preamble, and it can help host controller to determine the phase shift from SCK to
data edges so that controller can capture data at the center of the data eye at high frequency DTR operation.
DLP can be enabled or disabled by setting the bit EB4 of Extended Read register (DLPEN bit).
When enabled, the device drives all IO bus during last 4 dummy cycles immediately before data is output in DTR
operation. (No DLP operation in STR operation). The host must be sure to stop driving the IO bus at least 1 cycle
prior to the time that the memory starts outputting the DLP during dummy cycles. That is why, when using DDR IO
commands with DLP enabled, 5 or more dummy cycles must be selected.
If there are mode bits for AX read operation, still more than 5 clock cycles are required for DLP operation between
last mode bit and first read data.
DLP operation is valid in DTR operation with valid dummy cycles in SPI mode and QPI mode with below command;
FRDTR (Fast Read DTR) command in SPI and QPI mode.
FRDDTR (Fast Read Dual IO DTR) command in SPI mode only
FRQDTR (Fast Read Quad IO DTR) command in SPI and QPI mode
Data Learning Pattern is programmable, and fixed length of 8-bit in DTR operation.
For example, DLP 34h is programmed, then (0011 0100) data will start output from all IOs before data is output
during 4 clock cycles. All IOs will output 0 at the first clock edge, subsequently, all IOs will output 0, the 3rd will
output 1, etc.
The Data Learning Pattern (DLP) resides in an 8-bit Non-Volatile Data Learning Register (NVDLR) as well as an
8-bit Volatile Data Learning Register (VDLR). NVDLR can be programmed with Program NVDLR (PNVDLR 43h)
command, and VDLR can be written by Write VDLR (WRVDLR 4Ah) command. Also DLP register value can be
read out by Data Learning Pattern Read (RDDLP) command. All 3 commands (PNVDLR, WRVDLR, RDDLP) are
valid in SPI mode and QPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com