Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 169 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 169 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 170Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 171Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
169
Rev.A9
03/07/2023
8.62 PROGRAM PASSWORD OPERATION (PGPWD, E8h)
Before the Program Password (PGPWD) command can be accepted by the device, a Write Enable (WREN)
command must be issued and decoded by the device which sets the Write Enable Latch (WEL) to enable the
PGPWD operation. The password can only be programmed before the Password Mode is selected by programming
the Password P
rotection Mode bit to “0” in the ASP Register (ASP[2]). After the Password Protection Mode is
selected the PGPWD command is ignored.
The PGPWD command is entered by driving CE# low, followed by the instruction code and the password data
bytes, least significant byte first, most significant bit of each byte first. The password is 64bits in length.
CE# must be driven high after the 64th bit of data has been latched. If not, the PGPWD command is not executed.
As soon as CE# is driven high, the PGPWD operation is initiated. While the PGPWD operation is in progress, the
Status Register may be read to check the value of the Write
In Progress (WIP) bit. The WIP bit is “1” during the
PGPWD
operation, and is “0” when it is completed. When the PGPWD operation is completed, the Write Enable
Latch (WEL) is set to “0”.
Figure 8.138 Program Password Sequence In SPI Mode
Instruction = E8h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1
st byte Data In
2
nd byte Data In
...
8
th byte Data In
High Impedence
Figure 8.139 Program Password Sequence In QPI Mode
E8h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1
st byte
Data In
2
nd byte
Data In
...
8
th byte
Data In
...
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com