Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 166 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 166 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 170Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
166
Rev.A9
03/07/2023
8.59 WRITE PPB LOCK BIT OPERATION (WRPLB, A6h)
The Write PPB Lock Bit (WRPLB) command clears the PPB Lock (PPBLK) bit to zero. Before the WRPLB command
can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the device,
which sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The WRPLB command is entered by driving CE# low, followed by the instruction code. CE# must be driven high
after the eighth bit of instruction has been latched in. If not, the WRPLB command is not executed. As soon as CE#
is driven high, the WRPLB operation is initiated. While the WRPLB operation is in progress, the Status Register
may still be read to check the value of the Write In
Progress (WIP) bit. The WIP bit is “1” during the WRPLB
operation, and is “0” when it is completed. When the WRPLB operation is completed, the WEL is set to “0”.
Figure 8.133 Write PPB Lock Bit Sequence In SPI Mode
Instruction = A6h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.134 Write PPB Lock Bit Sequence In QPI Mode
A6h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com