Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 165 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 165 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
165
Rev.A9
03/07/2023
8.58 READ PPB LOCK BIT OPERATION (RDPLB, A7h)
The Read PPB Lock Bit (RDPLB) command allows the PPB Lock Register contents to be read. It is possible to
read the PPB Lock Register continuously by providing multiples of eight bits. The PPB Lock Register contents may
only be read when the device is in standby state with no other operation in progress. It is recommended to check
the Write In Progress (WIP) bit before issuing a new command to the device.
Figure 8.132 Read PPB Lock Bit Sequence In SPI Mode
Instruction = A7h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com