Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LE128E-RJLE:P-TR Datasheet(PDF) 162 Page - Integrated Silicon Solution, Inc

Part # IS25LE128E-RJLE:P-TR
Description  SERIAL FLASH MEMORY 133/166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE128E-RJLE:P-TR Datasheet(HTML) 162 Page - Integrated Silicon Solution, Inc

Back Button IS25LE128E-RJLE:P-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LE128E-RJLE:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 197 page
background image
IS25LE256E/128E
IS25WE256E/128E
Integrated Silicon Solution, Inc.- www.issi.com
162
Rev.A9
03/07/2023
8.55 ERASE PPB OPERATION (ERPPB, E4h)
The Erase PPB (ERPPB) command sets all PPB bits to “1”. Before the ERPPB command can be accepted by the
device, a Write Enable (WREN) command must be issued and decoded by the device, which sets the Write Enable
Latch (WEL) in the Status Register to enable any write operations.
The instruction code is shifted in by the rising edges of the SCK signal. CE# must be driven high after the eighth
bit of the instruction byte has been latched in. This will initiate the beginning of internal erase cycle, which involves
the pre-programming and erase of the entire PPB memory array. Without CE# being driven high after the eighth
bit of the instruction, the PPB erase operation will not be executed.
With the internal erase cycle in progress, the user can read the value of the Write In Progress (WIP) bit to check if
the operation has been completed. The WIP bit will indicate “1” when the erase cycle is in progress and “0” when
the erase cycle has been completed. When the ERPPB
operation is completed, the WEL is set to “0”. Erase
suspend is not allowed during PPB Erase.
Figure 8.127 Erase PPB Sequence In SPI Mode
Instruction = E4h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.128 Erase PPB Sequence In QPI Mode
E4h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com