Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 110 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 106Page - STMicroelectronics L99PM72GXP Datasheet HTML 107Page - STMicroelectronics L99PM72GXP Datasheet HTML 108Page - STMicroelectronics L99PM72GXP Datasheet HTML 109Page - STMicroelectronics L99PM72GXP Datasheet HTML 110Page - STMicroelectronics L99PM72GXP Datasheet HTML 111Page - STMicroelectronics L99PM72GXP Datasheet HTML 112Page - STMicroelectronics L99PM72GXP Datasheet HTML 113Page - STMicroelectronics L99PM72GXP Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 129 page
background image
ST SPI
L99PM72GXP
110/129
DocID024767 Rev 4
6.2.16
Control Register 14
Table 116. Control register 14: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
1
1
1
0
Data, 8 bit
Data, 8 bit
Table 117. Control register 14, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
00
0000000000
Function
Group
Selective Wakeup Settings
Table 118. Control register 14, bits
Bit
Name
Comment
15
EXT_ID_MSK_15
Masking Bits for Extended CAN Identifier
14
EXT_ID_MSK_14
1
Extended CAN Identifier Bit is ignored for matching
13
EXT_ID_MSK_13
0
Extended CAN Identifier Bit is matched
12
EXT_ID_MSK_12
To run matching on Extended CAN Identifier also CAN_IDE (Control
Register 9 must be set)
11
EXT_ID_MSK_11
10
EXT_ID_MSK_10
9
EXT_ID_MSK_9
8
EXT_ID_MSK_8
7
EXT_ID_MSK_7
6
EXT_ID_MSK_6
5
EXT_ID_MSK_5
4
EXT_ID_MSK_4
3
EXT_ID_MSK_3
2
EXT_ID_MSK_2
1
EXT_ID_MSK_1
0
EXT_ID_MSK_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com