Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72GXP Datasheet(PDF) 118 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 118 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 114Page - STMicroelectronics L99PM72GXP Datasheet HTML 115Page - STMicroelectronics L99PM72GXP Datasheet HTML 116Page - STMicroelectronics L99PM72GXP Datasheet HTML 117Page - STMicroelectronics L99PM72GXP Datasheet HTML 118Page - STMicroelectronics L99PM72GXP Datasheet HTML 119Page - STMicroelectronics L99PM72GXP Datasheet HTML 120Page - STMicroelectronics L99PM72GXP Datasheet HTML 121Page - STMicroelectronics L99PM72GXP Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 129 page
background image
ST SPI
L99PM72GXP
118/129
DocID024767 Rev 4
6.2.23
Status Register 1
Table 133. Status register 1: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
Bit <15:8>
Bit <7:0>
x
x
0
1
0
0
0
1
Data, 8bit
Data, 8 bit
Table 134. Status register 1, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Function
UV
OV
Group
Diagnosis 1
Diagnosis 2
Table 135. Status register 1, bits
Bit
Name
Comment
Information storage
15
OL_HS
Open-load event occurred
since last read out
Bit is latched until a “read and clear” access
14 OL_OUT4
13 OL_OUT3
12 OL_OUT2
11
OL_OUT1
10
UV
Under voltage event on VS
occurred since last read out
VLOCKOUTEN
(CR4)
Information storage
0
automatically reset when UV
condition disappears
1
Bit is latched until a “read and
clear” access
9
V2_fail
V2 fail (V2 < 2 V for t> 2 µs)
event occurred since last
readout
Bit is latched until a “Read and clear” access
8
V2_short
V2 short (V2 < 2 V for t >
4ms during start up) event
occurred since last readout
Bit is latched until a “Read and clear” access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com