Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 14Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 15Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 16Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 17Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 18Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 19Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
V
= 1.05 V
O
V
(10 mV/div ac coupled)
O
SW (5 V/div)
IO= 5.5A
Figure 8-8. Voltage Ripple at Output
V
= 1.05 V
I
= 30 mA
O
O
V
(20 mV/div ac coupled)
O
SW (5 V/div)
IO = 30 mA
Figure 8-9. Eco-mode Voltage Ripple at Output
V
= 1.05 V
O
V
(50 mV/div ac coupled)
IN
SW (5 V/div)
IO= 5.5A
Figure 8-10. Voltage Ripple at Input
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com