Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 14Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
7.4 Device Functional Modes
7.4.1 Auto-Skip Eco-Mode™ Control
The TPS54526 is designed with Auto-Skip Eco-mode™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point that
its rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when its zero inductor current is detected. As the load
current further decreases the converter run into discontinuous conduction mode. The on-time is kept almost the
same as it was in the continuous conduction mode so that it takes longer time to discharge the output capacitor
with smaller load current to the level of the reference voltage. The transition point to the light load operation
IOUT(LL) current can be calculated in Equation 2.
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V -V
×V
1
I
=
×
2×L×f
V
(2)
www.ti.com
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com