Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 10Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 11Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 12Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 13Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 14Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 15Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.2 Typical Application
The TPS54526 is an adaptive on-time D-CAP2™ mode synchronous buck converter. Idea applications are:
Digital TV Power Supply, High Definition Blu-ray Disc™ Player, Networking Home Terminal and Digital Set Top
Box.
U1
TPS54526PWP
Figure 8-1. Schematic Diagram for This Design Example
8.2.1 Design Requirements
For this design example, use the following input parameters.
Table 8-1. Design Parameters
DESIGN PARAMETERS
VALUES
Input voltage range
4.5V – 18 V
Output voltage
1.05 V
Output current rating
0 – 5.5 A
Output voltage ripple
7 mVPP (12 VIN / 5.5 A)
8.2.2 Detailed Design Procedure
8.2.2.1 Step By Step Design Procedure
To begin the design process, the designer must know a the following application parameters:
• Input voltage range
• Output voltage
• Output current
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com