Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 18Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 19Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 20Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 21Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 22Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 23Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 24Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 25Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
12.1 Thermal Information
This PowerPad™ package incorporates an exposed thermal pad that is designed to be directly to an external
heatsink. The thermal pad must be soldered directly to the printed board (PCB). After soldering, the PCB can
be used as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to
the appropriate copper plane shown in the electrical schematic for the device, or alternatively, can be attached to
a special heatsink structure designed into the PCB. This design optimizes the heat transfer from the integrated
circuit (IC).
For additional information on the PowerPAD™ package and how to use the advantage of its heat dissipating
abilities, refer to Technical Brief, PowerPAD™ Thermally Enhanced Package, Texas Instruments Literature No.
SLMA002 and Application Brief, PowerPAD™ Made Easy, Texas Instruments Literature No. SLMA004.
The exposed thermal pad dimensions for this package are shown in the following illustration.
°
2.31
7
1
2.46
14
8
Thermal Pad
Figure 12-1. Thermal Pad Dimensions
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com