Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS54526PWPR.B Datasheet HTML 19Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 20Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 21Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 22Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 23Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 24Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 25Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 26Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS54526PWP
Active
Production
HTSSOP (PWP) | 14
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526PWP.B
Active
Production
HTSSOP (PWP) | 14
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526PWPG4
Active
Production
HTSSOP (PWP) | 14
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526PWPG4.B
Active
Production
HTSSOP (PWP) | 14
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526PWPR
Active
Production
HTSSOP (PWP) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526PWPR.B
Active
Production
HTSSOP (PWP) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PS54526
TPS54526RSAR
Active
Production
QFN (RSA) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
TPS54526RSAR.B
Active
Production
QFN (RSA) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
TPS54526RSARG4
Active
Production
QFN (RSA) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
TPS54526RSARG4.B
Active
Production
QFN (RSA) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
TPS54526RSAT
Active
Production
QFN (RSA) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
TPS54526RSAT.B
Active
Production
QFN (RSA) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TPS
54526
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com