Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54526PWPR.B Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54526PWPR.B
Description  TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54526PWPR.B Datasheet(HTML) 5 Page - Texas Instruments

  TPS54526PWPR.B Datasheet HTML 1Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 2Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 3Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 4Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 5Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 6Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 7Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 8Page - Texas Instruments TPS54526PWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPS54526
UNITS
PWP (14) PINS
RSA (16) PINS
RθJA
Junction-to-ambient thermal resistance
43.7
35.2
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
33.1
40.6
RθJB
Junction-to-board thermal resistance
28.4
12.3
ψJT
Junction-to-top characterization parameter
1.3
0.8
ψJB
Junction-to-board characterization parameter
28.2
12.4
RθJCbot
Junction-to-case (bottom) thermal resistance
4.7
3.6
6.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating - non-switching supply current
VIN current, TA = 25°C, EN = 5 V,
VVFB = 0.8 V
900
1400
μA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.6
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
1.6
V
VENL
EN low-level input voltage
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
220
440
880
kΩ
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFBTH
VFB threshold voltage
VFB voltage light load mode, TA = 25°C,
VO = 1.05 V, IO = 10mA
771
mV
TA = 25°C, VO = 1.05 V, continuous mode
757
765
773
TA = 0°C to 85°C, VO = 1.05 V, continuous
mode(1)
753
777
TA = –40°C to 85°C, VO = 1.05 V, continuous
mode(1)
751
779
IVFB
VFB input current
VVFB = 0.8 V, TA = 25°C
0
±0.15
μA
RDischg
VO discharge resistance
VEN = 0 V, VO = 0.5 V, TA = 25°C
50
100
Ω
VREG5 OUTPUT
VVREG5
VREG5 output voltage
TA = 25°C, 6 V < VIN < 18 V,
0 < IVREG5 < 5 mA
5.2
5.5
5.7
V
VVREG5
VREG5 Line regulation
6.0 V < VIN < 18 V, IVREG5 = 5 mA
20
mV
VVREG5
VREG5 Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
VREG5 Output current
VIN = 6 V, VVREG5 = 4 V, TA = 25°C
60
mA
MOSFET
Rdsonh
High side switch resistance
TA = 25°C, VBST - VSW1,2 = 5.5 V
63
mΩ
Rdsonl
Low side switch resistance
TA = 25°C
33
mΩ
www.ti.com
TPS54526
SLVSB84D – MAY 2012 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS54526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com