Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The VSWx_RUN[7:0] and VSWx_STBY[7:0] bits are designed as secure write bits to ensure that output
voltages are not changed by mistake during the SYSTEM ON states.
The OTP_SWx_DVS[1:0] bits are used to program the default slew rate for the SW regulator turn-on and
turn-off ramps. During the SYSTEM ON states, the DVS range is between 0.65 V and 0.9 V, with an OV/UV
threshold of 5 % or wider and a DVS ramp of 3.9 mV/μs or slower. The SYSTEM ON DVS rate is controlled by
the SWx_DVS[1:0] bits on the functional registers.
SWx_DVS[1:0]
Clocking factor
SWx ramp-up slope rate[1][2]
SWx ramp-down
slope rate[1][2]
00
8
1.95 mV/µs
1.95 mV/µs
01
4
3.9 mV/µs
3.9 mV/µs
10
2
7.8 mV/µs
7.8 mV/µs
11
1
15.6 mV/µs
15.6 mV/µs
Table 127. SWx ramp-down configuration
[1]
At 20 MHz high-frequency clock selection
[2]
The slope rate is calculated as (6.25 [mV] * FREQ [MHz]) / (8 * clocking factor).
In applications where the output capacitance is larger than the recommended value, the SWx_SLOWDVS bit
provides the option to force the ramp-down slope to the slowest discharge speed, to ensure the output is able to
fully discharge before a new turn-on cycle is started.
The SWx_SLOWDVS bit is reset to 1 at power-up and the MCU can modify it during the SYSTEM ON states if
the system requires a faster discharge on the SWx regulator.
SWx_SLOWDVS
Ramp-down DVS
0
Same as ramp up
1
1.95 mV/µs
Table 128. Ramp-down DVS
The SWx regulator is only allowed to request a dynamic voltage change when the default OTP value is set to
be within the DVS range (0.3 V to 1.35 V). A voltage configuration outside of the DVS range will be changed to
the default OTP value, and any voltage change requested via the I2C communication will be ignored to avoid an
invalid configuration.
The OTP_SWx_DVSMAX[3:0] bits are provided to define the maximum high-voltage delta allowed during a
DVS transition. Maximum high-voltage delta is calculated with respect to the default voltage setting selected
by the OTP_VSWx_RUN[7:0] bits, to ensure the system is not able to request a voltage change outside of the
selected limits defined for a specific application.
OTP_SWx_DVSMAX[3:0]
SWx high-voltage delta
0000
0.025 V
0001
0.050 V
0010
0.075 V
0011
0.100 V
0100
0.125 V
0101
0.150 V
0110
0.175 V
Table 129. SWx high-voltage delta
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
102 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com