Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 106 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 108Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 109Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.2.3.2 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, VSWxIN = VIN = UVDET to 5.5 V, VSWxFB = 1.0 V, ISWx = 0.5 A, typical
external component values, fSW = 2.5 MHz, unless otherwise noted. Typical values are characterized at VSWxIN = 5.0 V,
VSWxFB = 1.0 V, ISWx = 0.5 A, and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VSWxIN
Operating input range[1]
• Minimum headroom = VSWxFB + IOUT_MAX * RON / DC.
• IOUT_MAX = minimum ILIM selected for SWx.
• RON includes HS FET RDSON, bond wire resistance, PCB trace
resistance and inductor DCR.
• Maximum duty cycle = 100 %
UVDET
–
5.5
V
fSW
Operating switching frequency
1.9
–
3.15
MHz
VSWxACC3
Output voltage accuracy
• PWM mode
• 0.3 V ≤ VSWxFB < 0.8 V
-10
–
10
mV
VSWxACC1
Output voltage accuracy
• PWM mode
• 0.8 V ≤ VSWxFB ≤ 1.35 V
-1.5
–
1.5
%
VSWxACC2
Output voltage accuracy
• PWM Mode
• 1.5 V ≤ VSWxFB ≤ 3.3 V
-1.5
–
1.5
%
VSWxPFMACC1
Output voltage accuracy
• PFM mode
• 0.3 V ≤ VSWxFB < 0.8 V
-20
–
20
mV
VSWxPFMACC2
Output voltage accuracy
• PFM mode
• 0.8 V ≤ VSWxFB ≤ 1.35 V
-3
–
3
%
VSWxPFMACC3
Output voltage accuracy
• PFM mode
• 1.5 V ≤ VSWxFB ≤ 3.3 V
-3
–
3
%
VSWxPP
Output voltage ripple
• PWM mode
• Peak-to-peak
–
6
–
mV
ISWx
Nominal current in single phase
2.5
–
–
A
ISWDP
Nominal current in dual phase
5
–
–
A
ILIM1_SWx
Current limit in single phase
• SWx_ILIM[1:0] = 01
1.82
2.6
3.25
A
ILIM2_SWx
Current limit in single phase
• SWx_ILIM[1:0] = 10
2.28
3
3.7
A
ILIM3_SWx
Current limit in single phase
• SWx_ILIM[1:0] = 00 or 11
3.56
4.5
5.4
A
ILIM1_SWDP
Current limit in dual phase
• SWx_ILIM[1:0] = 01 (primary phase)
3.64
5.2
6.5
A
ILIM2_SWDP
Current limit in dual phase
4.56
6
7.4
A
Table 138. SW2 - SW5 electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
106 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com