Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 113 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 109Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 110Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 111Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, VLDO1IN = 1.8 V to 5.5 V, VIN = UVDET to 5.5 V, VLDO1 = 3.3 V, ILDO1 =
500 mA, and typical external component values unless otherwise noted. Typical values are characterized at VLDO1IN = 5.0 V,
VLDO1 = 3.3 V, ILDO1 = 500 mA, TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
tOFF_LDO1
Turn-off time
• Output disabled to 10 % of initial value
• VLDO1 = 3.3 V
• ILDO1 = 0.0 mA
• COUT = 2.2 μF
–
650
–
µs
VOS_LDO1
Startup overshoot
–
–
2
%
VLOTR_LDO1
Load transient response
• ILDO1 = 200 mA step in 2.0 μs
-2
–
-2
%
tON_LS1
Load switch turn-on rise time
–
150
300
µs
ILIM_LS1
Load switch mode current limit
550
–
900
mA
RPD_LDO1
Output discharge resistor
–
60
100
Ω
RTBB_LDO1
LDO DEBUG pulldown resistance – used to detect pin lift or pin
disconnection
• VDDOTP > 3.0 V and in DBGOFF state
1
2
–
kΩ
Table 145. LDO1 electrical characteristics...continued
aaa-061957
VLD_OUT (V)
1.5
3.5
3
2.5
2
0.1
0.2
0.3
ILD_OUT
(A)
0
RDSON LDO1
Figure 25. RDSON vs. VLDOUT for LDO1
Symbol
Description
Min
Typ
Max
Units
COUT
Effective output capacitance
• 4.7 μF, 6.3 V (+/- 50 % variation)
• X7R low ESR ceramic capacitor.
2.3
4.7
7
µF
CIN
Input capacitor
• 1 μF, 10 V
• X7R Low ESR ceramic capacitor
0.5
1
2
µF
Table 146. LDO1 recommended external components.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
113 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com