Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 114 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 110Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 111Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 114Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.2.5 LDO2 / LDO3 (200 mA linear regulators with load switch mode)
LDO2 and LDO3 are low dropout linear regulators with 200 mA current capability and input voltage range from
1.8 V to 5.5 V. Both LDOs feature a programmable output voltage between 0.65 V and 3.3 V with up to 2 %
output voltage accuracy.
Each LDO implements a configurable soft-start ramp control during power up (enable) and discharge
mechanism during power down (disable).
The LDOx_RUN_EN bit is provided to enable or disabled the LDOx output during the RUN state. The
LDOx_RUN_EN bit will be set to 1 by default if the LDO is enabled in the power-up sequence or 0 if it is
disabled at power-up.
LDOx_RUN_EN
LDOx output xontrol
0
Disabled
1
Enable
Table 147. LDOx output control in RUN
The LDOx_STBY_EN bit is provided to enable or disable the LDOx output during the STANDBY state, and its
default value is loaded from the OTP_LDOx_STBY_EN at power-up.
LDOx_STBY_EN
LDOx output control
0
Disabled
1
Enable
Table 148. LDOx output control in STANDBY
The VLDOx_RUN[4:0] and VLDOx_STBY[4:0] bits are provided to set the output voltage of the LDOx during the
RUN and STANDBY states respectively.
The default values for the VLDOx_RUN[4:0] and VLDOx_STBY[4:0] bits are loaded from the respective OTP
bits (OTP_VLDOx_RUN[4:0] and OTP_VLDOx_STBY[4:0] ) at power up.
LDO output voltage can be changed during RUN mode operation. The maximum voltage step at the transition is
+/-2 V.
VLDOx_RUN[4:0] VLDOx_STBY[4:0]
LDOx output voltage
00000
0.65 V
00001
0.70 V
00010
0.75 V
00011
0.80 V
00100
0.85 V
00101
0.90 V
00110
0.95 V
00111
1.00 V
01000
1.05 V
01001
1.10 V
01010
1.15 V
01011
1.20 V
Table 149. LDOx output voltage selection bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
114 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com