Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 30Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 31Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 32Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 33Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 34Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 35Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 36Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 37Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
LAN8804D
DS00003591K-page 34
© 2026 Microchip Technology Inc. and its subsidiaries
5.6.3
AUTO-DOWNSHIFT
Under certain fault conditions (e.g., a cable break in wiring pair C or D), standard auto-negotiation will loop indefinitely,
attempting to link at 1 Gbps without ever fully linking up. Auto-Downshift extends standard auto-negotiation to allow
slower speed linkup under such conditions.
If Auto-Downshift is enabled (ENABLE_AUTO_DOWN_SPEED=1), a hardware counter tallies the number of attempted
1 Gbps linkups. After four failures, Auto-Negotiation will restart, this time advertising 100 Mbps as the maximum capable
speed.
APPLICATION NOTE: ENABLE_AUTO_DOWN_SPEED is a field in a register. It is Bit 12 in the PCS 1000 Test
Register 4 located at EP 2.69.
If 100 Mbps fails to link after four attempts, auto-negotiation will restart, this time advertising 10 Mbps as the maximum
capable speed.
If 10 Mbps fails to link after four attempts, auto-negotiation may loop indefinitely, as there is no slower speed.
5.7
LinkMD Cable Diagnostics
The LinkMD function uses Time Domain Reflectometry (TDR) to analyze the cabling plant for common cabling prob-
lems, such as open circuits, short circuits, and impedance mismatches as well as the distance to the fault. Each of the
four twisted pairs are tested separately.
LinkMD operates by sending a pulse of known amplitude and duration down the selected differential pair, then analyzing
the polarity and shape of the reflected signal to determine the type of fault: open circuit for a positive/non-inverted ampli-
tude reflection and short circuit for a negative/inverted amplitude reflection. The time duration for the reflected signal to
return provides the approximate distance to the cabling fault. The LinkMD function processes this TDR information and
presents it as a numerical value that can be translated to a cable distance.
LinkMD is initiated by accessing the Cable Diagnostic register. To test each individual cable pair, set the cable pair in
the Cable Diagnostics Test Pair (VCT_PAIR[1:0]) field of the Cable Diagnostic register, along with setting the Cable
Diagnostics Test Enable (VCT_EN) bit. The Cable Diagnostics Test Enable (VCT_EN) bit will self-clear when the test is
concluded.
The test results (for the pair just tested) are available in the Cable Diagnostic register. With the bit[9:0] Definition (VCT_-
SEL[1:0]) field set to ‘0’, the Cable Diagnostics Status (VCT_ST[1:0]) field will indicate a Normal (properly terminated),
Open or Short condition, or Failed test.
If the test result was Open or Short, the Cable Diagnostics Data or Threshold (VCT_DATA[7:0]) field indicates the dis-
tance to the fault in meters as approximately:
• distance to fault = (VCT_DATA - 22) * 4 / cable propagation velocity
This provides an accuracy of ± 2% to 3% for short and medium cables and ± 5% to 6% for long cables. Inaccuracy is
due to cable pitch differences between cable manufacturers, where cable pitch is the number of wire twists per unit cable
length.
Link MD supports diagnostic cable testing int he following three scenarios:
• LinkMD with No Link Partner
• LinkMD with Fully Passive Link Partner
• LinkMD with Partially Active Link Partner
5.7.1
LINKMD WITH NO LINK PARTNER
In this scenario, the remote end of the cable is unplugged.
Prior to running the cable diagnostics, perform a software reset via the Basic Control Register. After reset, the following
must be configured:
• Auto Negotiation disabled via the Digital Debug Control 1 Register
• Auto MDI/MDI-X disabled via the Digital Debug Control 1 Register
• Full Duplex set via the Basic Control Register
• Link Speed set to 1000 Mbps via the Basic Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com