Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 82 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 82 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 78Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 79Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 80Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 81Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 82Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 83Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 84Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 85Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
LAN8804D
DS00003591K-page 82
© 2026 Microchip Technology Inc. and its subsidiaries
Section 4.1.1, "LDO Disable"
This section have been modified. Text changed
from:
“The LDO controller is enabled by default. It may
alternatively be disabled via internal register set-
tings. An external source of 1.1V is necessary if the
LDO is disabled.”
to: “The LDO has been defeatured and LDO_O
should be left disconnected. Microchip recom-
mends disabling the LDO output by setting the
active low LDO enable bit in the Analog Control
Register 11. An external source of 1.21V is
required for operation.”
Figure 4-1, "Power Connec-
tions"
Figure modified to remove LDO and replace with
1.21V source.
Table 5-1, "MDI/MDI-X Pin
Mapping"
Corrected MDI/MDI-X Pin Mapping names and des-
ignations
Section 5.19.3, "Software
Power-Down Mode"
Under the second bullet entitled “Voltage Regulator
Controller (LDO)” the sub-bullet text has changed
from: “The LDO controller can be disabled by setting
the active low LDO enable bit in the Analog Control
Register 11. An external source of 1.2V is necessary
for operation in this case."
to: “The LDO has been defeatured and LDO_O
should be left disconnected. Microchip recommends
disabling the LDO output by setting the active low
LDO enable bit in the Analog Control Register 11.
An external source of 1.21V is required for opera-
tion.”
Section 6.6.2, "Power
Sequence Timing"
• First two paragraphs in this section have been
modified. Text changed from:
“The recommended power-up sequence is to
have the transceiver (VDDAH, VDDAH_x) and
digital I/O (VDDIO, VDDIO_1) voltages power
up before the 1.1V core (VDDCORE,
VDDAL_x, VDDTXL_SERDES) voltage. If the
1.1V core must power up first, the maximum
lead time for the 1.1V core voltage with respect
to the transceiver and digital I/O voltages must
be 200 µs.
There is no power sequence requirement
between transceiver (VDDAH, VDDAH_x) and
digital I/O (VDDIO, VDDIO_1) power rails.”
to: “There is no power sequence requirement
between transceiver (VDDAH, VDDAH_x),
1.1V core (VDDCORE, VDDAL_x, VDDTXL_-
SERDES), and digital I/O (VDDIO, VDDIO_1)
power rails.”
• The following statement has been removed:
“The recommended power-down sequence is
to have the 1.1V core voltage power-down
before powering down the transceiver and dig-
ital I/O voltages.”
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com