Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 1 Page - Microchip Technology

  LAN8804D/ZMX Datasheet HTML 1Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 2Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 3Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 4Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 5Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 6Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 7Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 8Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591Kpage 1
Features
• Quad-Port Gigabit Ethernet Transceiver
• QSGMII Version 1.3 MAC Interface
• Jumbo Frame Support Up to 16 KB
• Clocked from Crystal or External 25/125 MHz Ref-
erence Clock Input
• Time Sensitive Networking (TSN) Frame Preemp-
tion support per IEEE 802.3™-2018 clause 99
• IEEE 802.3-2018 Energy Efficient Ethernet (EEE)
• Two Programmable LED Outputs per Port for
Link, Activity, and Speed
• Coma mode to Eliminate Port Link Bouncing at
Startup and Synchronize LEDs
•24 GPIOs
• LinkMD® TDR-based Cable Diagnostic to Identify
Faulty Copper Cabling
• Signal Quality Indication
• Loopback modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swaps, Pair Skew, and Pair Polarity
• Shared Management Data Input/Output (MDIO)
Interface for PHY Register Configuration
• Interrupt Pin Option
• Die Temperature Monitor
• Power-Down and Power-Saving Modes
- Energy Detect Power Down
- Chip Power Down
- EEE Low Power Idle mode
- Smart power savings up to 20 mW for cables
<70m
• Operating Voltages
- Digital Core (VDDCORE): 1.21V
- Analog Operation: 1.21V (VDDAL)
and 2.5V, 3.3V (VDD33REF)
- VDD I/O (VDDIO): 3.3V, 2.5V, or 1.8V
- Transceiver (VDDAH): 3.3V or 2.5V
• 128-pin TQFP (14 × 14 mm body) Package
• Temperature Support
- Commercial temperature range (0
 to +85°C)
- Industrial temperature range (-40
 to +85°C)
Target Applications
• Enterprise/SMB Switches
• Industrial Switches
• Cellular Infrastructure
• Routers
• Wi-Fi Access Points
• Gateways
• FPGA Based Systems
• General Embedded
LAN8804D
4-Port Gigabit Ethernet Transceiver
with QSGMII Support


Similar Part No. - LAN8804D/ZMX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8804 MICROCHIP-LAN8804 Datasheet
3Mb / 91P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
Revision DS00003591G 06-21-24
LAN8804-V/ZMXC1 MICROCHIP-LAN8804-V/ZMXC1 Datasheet
3Mb / 91P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
Revision DS00003591G 06-21-24
LAN8804/ZMXC1 MICROCHIP-LAN8804/ZMXC1 Datasheet
3Mb / 91P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
Revision DS00003591G 06-21-24
More results

Similar Description - LAN8804D/ZMX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
Gigabit Ethernet Transceiver with GMII / MII Support
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
Gigabit Ethernet Transceiver with RGMII Support
02/28/20
KSZ9031MNX MICROCHIP-KSZ9031MNX_V01 Datasheet
820Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com