Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 71Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 72Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 73Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 74Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 75Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 76Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 77Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 78Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 75
6.6.9
CK25OUT TIMING
This section specifies the CK25OUT reference clock timing of the device.
• Duty Cycle: (40% minimum, 50% typical, 60% maximum)
• Jitter: < 100 ps rms
6.6.10
CK125_REF_INP/M TIMING
This section specifies the CK125_REF_INP/M reference clock timing of the device.
• Duty Cycle: (40% minimum, 50% typical, 60% maximum)
• Jitter: < 100 ps rms
• Frequency: 125 MHz ± 50 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com