Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 58Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 59Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 60Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 61Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 62Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 63Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 64Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 65Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
LAN8804D
DS00003591K-page 62
© 2026 Microchip Technology Inc. and its subsidiaries
6.4
Package Thermal Specifications
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
226
212
0.1
802
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
148
181
0.4
631
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
98
199
0.1
617
4 ports + QSGMII,
Software Power Down mode, QSGMII up
86
29
0.1
174
4 ports + QSGMII,
Software Power Down mode, QSGMII down
28
13
0.1
67
4 ports + QSGMII,
hardware reset
15
212
0.1
548
TABLE 6-4:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Units
Description
Thermal Resistance Junction to Ambient
JA
16.72
°C/W
Measured in still air
13.67
°C/W
Airflow 1 m/s
12.76
°C/W
Airflow 2.5 m/s
Thermal Resistance Junction to Bottom of Case
JT
0.11
°C/W
Measured in still air
Thermal Resistance Junction to Top of Case
JC
2.44
°C/W
—
Thermal Resistance Junction to Board
JB
5.36
°C/W
Thermal Parameter Junction to Board
JB
5.45
°C/W
Measured in still air
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESD51.
TABLE 6-3:
TYPICAL FOUR PORT (1.21V, 2.5V, 1.8V) POWER CONSUMPTION (CONTINUED)
Device Conditions
1.21V
Total (mA)
(Note 6-3)
2.5V VDDAH
Total (mA)
(Note 6-4)
1.8V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com