Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8804D/ZMX Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 69Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 70Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 71Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 72Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 73Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 74Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 75Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 76Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 73
6.6.6
JTAG TIMING
This section specifies the JTAG timing of the device.
FIGURE 6-6:
JTAG TIMING
TABLE 6-15:
JTAG TIMING VALUES
Symbol
Description
Min
Max
Unit
Note
ttckp
TCK clock period
40
—
ns
—
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
tsu
TDI, TMS setup to TCK rising edge
15
—
ns
th
TDI, TMS hold from TCK rising edge
4
—
ns
tdov
TDO output valid from TCK falling edge
—
16
ns
tdoinvld
TDO output invalid from TCK falling edge
0
—
ns
Note:
Timing values are with respect to an equivalent test load of 25 pF.
TCK (Input)
TDI, TMS (Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO (Output)
tdoinvld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com