Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B995ACT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7B995ACT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995ACT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7B995ACT Datasheet HTML 2Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 3Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 4Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 5Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 6Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 7Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 8Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 9Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 6 of 13
.
DC Specifications at 2.5V
Parameter
Description
Condition
Min
Max
Unit
VDD
2.5 Operating Voltage
2.5V ± 5%
2.375
2.625
V
VIL
Input LOW Voltage
REF, FB, and sOE# Inputs
–
0.7
V
VIH
Input HIGH Voltage
1.7
–
V
VIHH
[11]
Input HIGH Voltage
3-Level Inputs, (TEST, FS, nF[1:0], DS[1:0], PD#/DIV,
PE/HD). (These pins are normally wired to VDD, GND, or
unconnected)
VDD –
–0.4
–V
VIMM
[11]
Input MID Voltage
VDD/2
– 0.2
VDD/2
+ 0.2
V
VILL
[11]
Input LOW Voltage
–
0.4
V
IIL
Input Leakage Current
VIN = VDD/GND,VDD = Max; (REF and FB Inputs)
–5
5
μA
I3
3-Level Input DC Current HIGH, VIN = VDD
3-Level Inputs
(TEST, FS, nF[1:0],
DS[1:0], PD#/DIV,
PE/HD)
–
200
μA
MID, VIN = VDD/2
–50
50
μA
LOW, VIN = VSS
–200
–
μA
IPU
Input Pull-Up Current
VIN = VSS, VDD = Max
–25
–
μA
IPD
Input Pull-Down Current
VIN = VDD, VDD = Max, (sOE#)
–
100
μA
VOL
Output LOW Voltage
IOL = 12 mA (PE/HD = L/H), (nQ[0:1])
–
0.4
V
IOL = 20 mA (PE/HD = MID),(nQ[0:1])
–
0.4
V
IOL = 2 mA (LOCK)
0.4
V
VOH
Output HIGH Voltage
IOH = –12 mA (PE/HD = L/H),(nQ[0:1])
2.0
–
V
IOH = –20 mA (PE/HD = MID),(nQ[0:1])
2.0
–
V
IOH = –2 mA (LOCK)
2.0
V
IDDQ
Quiescent Supply Current VDD = Max, TEST = MID, REF = LOW, sOE# = LOW,
Outputs Not Loaded
–2
mA
IDDPD
Power down Current
PD#/DIV, sOE# = LOW
Test,nF[1:0],DS[1:0] = HIGH; VDD = Max
10(typ.)
25
μA
IDD
Dynamic Supply Current
At 100 MHz
150
mA
CIN
Input Pin Capacitance
4
pF
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com