Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B995ACT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7B995ACT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995ACT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7B995ACT Datasheet HTML 5Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 6Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 7Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 8Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 9Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 10Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 11Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 12Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 11 of 13
Ordering Information
Part Number
Package Type
Product Flow
Status
CY7B995AC
44 TQFP
Commercial, 0
° to 70°C
Obsolete
CY7B995ACT
44 TQFP – Tape and Reel
Commercial, 0
° to 70°C
Obsolete
CY7B995AI
44 TQFP
Industrial, –40
° to 85°C
Not for new design
CY7B995AIT
44 TQFP – Tape and Reel
Industrial, –40
° to 85°C
Obsolete
Pb-free
CY7B995AXC
44 TQFP
Commercial, 0
° to 70°C
Active
CY7B995AXCT
44 TQFP – Tape and Reel
Commercial, 0
° to 70°C
Active
CY7B995AXI
44 TQFP
Industrial, –40
° to 85°C
Active
CY7B995AXIT
44 TQFP – Tape and Reel
Industrial, –40
° to 85°C
Active
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com