Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B995ACT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B995ACT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995ACT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B995ACT Datasheet HTML 1Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 2Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 3Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 4Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 5Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 6Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 7Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 8Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RoboClock®, CY7B995
2.5/3.3V 200-MHz High-Speed
Multi-Phase PLL Clock Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07337 Rev. *D
Revised September 27, 2007
Features
■ 2.5V or 3.3V operation
■ Split output bank power supplies
■ Output frequency range: 6 MHz to 200 MHz
■ 45 ps typical cycle-cycle jitter
■ ± 2% max output duty cycle
■ Selectable output drive strength
■ Selectable positive or negative edge synchronization
■ Eight LVTTL outputs driving 50 Ω terminated lines
■ LVCMOS/LVTTL over-voltage tolerant reference input
■ Selectable phase-locked loop (PLL) frequency range and lock
indicator
■ Phase adjustments in 625/1250 ps steps up to ± 7.5 ns
■ (1-6, 8, 10, 12) x multiply and (1/2,1/4)x divide ratios
■ Spread-Spectrum compatible
■ Power down mode
■ Selectable reference divider
■ Industrial temperature range: –40°C to +85°C
■ 44-pin TQFP package
Description
The CY7B995 RoboClock® is a low voltage, low power,
eight-output, 200 MHz clock driver. It features output phase
programmability which is necessary to optimize the timing of high
performance computer and communication systems.
The user can program both the frequency and the phase of the
output banks through nF[0:1] and DS[0:1] pins. The adjustable
phase feature allows the user to skew the outputs to lead or lag
the reference clock. Any one of the outputs can be connected to
feedback to achieve different reference frequency multiplication,
and divide ratios and zero input-output delay.
The device also features split output bank power supplies, which
enable the user to run two banks (1Qn and 2Qn) at a power
supply level, different from that of the other two banks (3Qn and
4Qn). The three-level PE/HD pin also controls the synchroni-
zation of the output signals to either the rising, or the falling edge
of the reference clock and selects the drive strength of the output
buffers. The high drive option (PE/HD = MID) increases the
output current from ± 12 mA to ± 24 mA.
PE/HD
TEST
FS
3
3
REF
FB
2F1:0
1F1:0
3F1:0
4F1:0
1Q0
1Q1
2Q0
2Q1
3Q0
3Q1
4Q0
4Q1
PLL
3
3
3
3
3
3
3
3
Phase
Select
Phase
Select
Phase
Select
and /K
3
sOE#
VDDQ1
VDDQ4
LOCK
/N
3
3
/R
3
PD#/DIV
DS1:0
Phase
Select
and /M
VDDQ3
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7B995ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995ACT CYPRESS-CY7B995ACT Datasheet
296Kb / 11P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B995ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
High-Speed Multi-Phase PLL Clock Buffer
Revised July 25, 2003
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
High-speed Multi-phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
High-speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
High Speed Multi Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com