Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B995ACT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B995ACT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995ACT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B995ACT Datasheet HTML 5Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 6Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 7Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 8Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 9Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 10Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 11Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 12Page - Cypress Semiconductor CY7B995ACT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 10 of 13
AC Test Loads and Waveforms
Figure 3. For Lock Output and all other Outputs
Figure 4. 3.3V LVTTL and 2.5V LVTTL Output Waveforms
Figure 5. 3.3V LVTTL and 2.5V LVTTL Input Test Waveforms
O u tput
2 0pF
Ou tp u t
20pF
150Ω
150Ω
V DDQ
For Lock O u tp ut
For A ll O th e r O u tputs
2.0V
0.8V
VTH =1.5V
t
PWL
t
PWH
t
ORISE
t
OFALL
3.3V LVTTL OUTPUT WAVEFORM
2.5V LVTTL OUTPUT WAVEFORM
1.7V
0.7V
VTH =1.25V
t
PWL
t
PWH
t
ORISE
t
OFALL
2.0V
0.8V
VTH =1.5V
≤ 1ns
≤ 1ns
3.0V
0V
3.3V LVTTL INPUT TEST WAVEFORM
1.7V
0.7V
VTH =1.25V
≤ 1ns
≤ 1ns
2.5V
0V
2.5V LVTTL INPUT TEST WAVEFORM
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com