Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SL1053
Founctinal Pin Description
Founctinal Pin Description
Founctinal Pin Description
Founctinal Pin Description
Pin Name
Pin Name
Pin Name
Pin Name
P
PP
Pin Funtion
in Funtion
in Funtion
in Funtion
VDD
Supply Voltage Input
TS
Temperature Sense Input. Input from battery temperature monitoring circuit.
STAT1
In charge status, this pin is pulled to high; when charge completed, it’s pulled to
low; and if temperature fault or disable, it’s in high impedance status.
STAT2
In charge status, this pin is pulled to low; when charge completed, it’s pulled to
high; and if temperature fault or disable, it’s in high impedance status.
GND
Gound
CC
Charge Control Output. Current output to drive on external PNP transistor or
P-Channel MOSFET for current and voltage regulation
CS
Current Sense Input. Charge current is sensed according to the voltage drop
from supply voltage to this pin
BATT
Battery voltage input. Input directly from battery voltage.
Absolut Maxmum Ratings(Note 1)
Absolut Maxmum Ratings(Note 1)
Absolut Maxmum Ratings(Note 1)
Absolut Maxmum Ratings(Note 1)
Supply Voltage ------------------------------------------------ -0.3V~7V
Storage Temperature Range--------------------------------------65℃~150℃
Power Dissipation, PD@TA=25℃------------------------------------ 300mW
Junction Temperature ----------------------------------------------- 150℃
Operation Juntion Temperature Range------------------------- -40℃~+125℃
ESD Susceptibility (Note2)------------------------------------------------ 4KV
Recommneded Operation Conditions(Note 3)
Recommneded Operation Conditions(Note 3)
Recommneded Operation Conditions(Note 3)
Recommneded Operation Conditions(Note 3)
Supply Input Voltage----------------------------------------------4.5V to 7V
Junction Temperature Range---------------------------------- -20℃~+70℃
Electrica
Electrica
Electrica
Electrical Characteristics
l Characteristics
l Characteristics
l Characteristics(TA=25℃)
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Test Condition
Test Condition
Test Condition
Test Condition
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Units
Units
Units
Units
Operating
Current
IDD(OPE)
4.5V<VDD<7V
----
1
2
mA
Vdd Sleep
Current
IDD(sleep)
VBATT-VDD≥0.2V
----
----
3
uA
Input Bias
Current @
BATT Pin
IBATT
VBATT = VO(REG),
VBATT-VDD≥0.2V
----
1.5
2.6
uA
Input Bias
ITS
VTS =5V,
----
----
1.1
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com