Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SL1053
Charge status indication
The SL1053 indicates the status of the charger on the 3-state STAT1 and STAT2 pin. The
following table shows the statuses of this pin.
Condition
STAT1 Pin
STAT2 Pin
In batter charging cycle
High
Low
Charge cycle completed
Low
High
Temperature fault or charge
function disable or output
shorted
High Impedance
High Impedance
Selecting an External PNP Pass-Transistor or P-Channel MOSFET:
The SL1053 drives an external PNP transistor or P-Channel MOSFET to control the charging
current. The specifications must be concerned are the voltage and current rating and package
power dissipation. The external switch is performed as a linear regulator. The maximum power
loss occurs when the constant current regulation starts at the beginning, and it can be calculated
approximately from following equation:
PD(MAX) =I(SNS)×(VDD -0.1V -2.8V)
I(SNS) is the constant regulation current.
The minimum voltage drop between the sense-resistor is 100mV, and the minimum precharge
threshold voltage is 2.8V.
The external pass device with PCB heatsinking must be rated for the maximum power dissipation.
Selecting Input/Output Capacitor
In analog circuit applications, to place a high-frequency decoupling capacitor nearby the controller
IC between input power source and ground is very important. A 0.1uF ceramic is recommended. If
a high ripple and noise input power is chosen, it should have enough capacitance to reduce the
disturbance.
A 0.1uF to 1uF output capacitor is recommended to control the output voltage and keep the output
voltage ripple small when the battery is disconnected



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com