Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SL1053
Advanced Lithium-Ion Linear Battery Charger
General Description
SL1053 is a single Lithium-Ion or Lithium-Polymer cell linear battery charger which is
designed for compact and cost-sensitive handheld devices. It combines charge status indication,
charge termination, battery temperature monitoring, and high accuracy current and voltage
regulation in a SOP-8 package.
SL1053 charges the battery in three modes, precharge, constant current, constant voltage. If
the battery voltage is below the precharge threshold VO(MIN), the SL1053 precharges the battery
with a lower conditioning current. After precharge, the SL1053 applies a constant current to the
battery. An external sense-resister sets the charge current. The constant voltage mode continues
until the battery reaches the regulation
The battery temperature is continuously measured by an external thermistor through the TS
pin. SL1053 inhibits charge until the temperature is within the range defined by users.
Features
For Single Lithium-Ion or Lithium-Polymer Cell Battery Pack 4.2V
A Few External Components are Required
Precharge, Constant Current, Constant Voltage Modes
Battery Temperature Monitor
Charge Status Indication
Automatic Battery Recharge
Charge Termination Detect
Auto Low Power Sleep Mode when VDD Power is removed
MSOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Digital Cameras
PDAs
Cellular Phones
Information Appliance
Pin Configurations


Similar Part No. - SL1053_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL1053 ETC-SL1053 Datasheet
298Kb / 8P
High-precision linear lithium battery charger control circuit
More results

Similar Description - SL1053_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
Lithium-Ion Linear Battery Charger
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
logo
Linear Technology
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
500mA linear lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
500mA linear lithium-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com