Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SL1053
Detection
First, the FB/CE pin must connect to VDD or a voltage divider to enable the charge function. And
then if a battery is already inserted and the input power source is absent, the SL1053 will enter
sleep mode to prevent draining power from battery. When input power source and battery are both
existed, another detection is the battery temperature. The TS pin voltage must be in the allowed
range as shown in Figure 6 and the electrical characteristics, and then the SL1053 will start the
charge cycle according to the battery voltage conditions.
Precharge Mode
When the battery voltage is lower than the precharge threshold VO(MIN), the SL1053 begins to
charge the battery in precharge mode. In this condition, the precharge current is set at
approximately 10% of the constant regulation current. The purposes of small precharge current are
to minimize the power dissipation on the external switch during the precharge period and to revive
deeply discharged battery cells.
Constant Current Regulation Charge Mode
When the battery voltage is between the precharge threshold VO(MIN) and the regulation voltage
VO(REG), the SL1053 starts the constant current regulation charge mode. SL1053 monitors
charge current with voltage drop between two terminals of a sense-resistor, RCS, which connects
to pin VDD and CS. The following equation can calculate the desired charging current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com