Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Current @
TS Pin
VBATT-VDD≥0.2V
Input Bias
Current @
CS Pin
ICS
VCS =5V,
VBATT-VDD≥0.2V
---
---
1.1
uA
Output
Voltage
VO(REG)
4.160
4.20
4.240
V
Current
Regulation
Threshold
VI(SNS)
VI(SNS)=VDD-VCS
100
115
130
mV
Current
Detect
Threshold
V(PRE)
V(PRE)=VDD-VCS
4
12
24
mV
Precharge
Threshold
VO(MIN)
2.7
2.9
3.1
V
Recharge
Threshold
VO(RCH)
VO(REG)-
170mV
VO(REG)-
110mV
VO(REG)-
50mV
V
Charge
Teminated
Current
Detect
Threshold
V(TERM)
V(TERM)=VDD-VCS
2
12
22
mV
Ouput Low
Voltage
@STAT1Pin
VSTAT1(LOW)
IOL =10mA
-----
0.4
0.6
V
Ouput High
Voltage
@STAT1Pin
VSTAT1(HIGH)
IOH=5mA
VDD-0.5V
----
----
V
Ouput Low
Voltage
@STAT2 Pin
VSTAT2(LOW)
IOL =10mA
-----
0.4
0.6
V
Ouput High
Voltage
@STAT2 Pin
VSTAT2(HIGH)
IOH=5mA
VDD-0.5V
----
----
V
Lower
Temperature
Threshold
VTS1*
28
30
32
%VDD
Upper
Temperature
Threshold
VTS2*
68
70
72
%VDD
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage
to the device. These are for stress ratings. Functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com