Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL1053 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SL1053
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL1053 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SL1053_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1053_V01 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SL1053
Constant Voltage Regulation and Charge
Termination Mode
When the battery voltage reaches the regulation voltage VO(REG), the constant voltage feedback
control starts, and then the charge current begins to decrease as the typical charge profile shown.
As the charge current decreases to lower than charge terminated current threshold, the SL1053
will terminate the charge cycle.
Recharge Mode
After the charge termination mode, if the battery voltage falls to lower than the recharge threshold
voltage VO(RCH), the SL1053 will begin a new charge cycle according to the battery voltage.
Battery Temperature Detection
The SL1053 continuously detects the battery temperature by measuring the TS pin voltage. A
NTC or PTC thermistor can parallel with RT2 to deviate the TS pin voltage. (As shown in Figure
5) The TS pin voltage must be within normal temperature voltage range that is shown in Figure 6
and electrical characteristics, and then SL1053 can start working normally.
The RT1 and RT2 can be derived from following equations.
For NTC Thermistors:
Where RTL is the resistance value in lowest desired operation temperature and RTH is the
resistance value in highest desired operation temperature. The resistances of thermistors are
specified by the thermistor manufacturer. If the temperature monitoring function is not desired,
there's an easy method to set RT1 and RT2 at the same value and disconnect the thermistor to
disable this function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com