Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  R3119X035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
R3119x-Y
NO.EA-378-160613
2
BLOCK DIAGRAMS
R3119xxxxA
DOUT
VDD
Vref
GND
Delay
Circuit
CD
R3119xxxxE
DOUT
VDD
Vref
GND
SENSE
SELECTION GUIDE
The detector threshold and the voltage detection type are user selectable options.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R3119Kxxx∗-TR-Y
DFN(PL)1820-6
5,000 pcs
Yes
Yes
R3119Nxxx∗-TR-YE
SOT-23-5
3,000 pcs
Yes
Yes
xxx : Specify the set detector threshold (−VSET) in the range of 2.3 V (023) to 12.0 V (120) in 0.1 V steps.
∗
: Select the voltage detection type from the following;
A: with CD pin type
E: with SENSE pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com