Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
R3119x-Y
NO.EA-378-160613
8
The specifications surrounded by
are guaranteed by design engineering at -50°C ≤ Ta ≤105°C.
Product Name
−VDET [V]
−VDET [V]
(Ta = 25°C)
(−50°C ≤ Ta ≤ 105°C)
Min.
Typ.
Max.
Min.
Typ.
Max.
R3119x070x
6.895
7.000
7.105
6.790
7.000
7.140
R3119x071x
6.994
7.100
7.206
6.887
7.100
7.242
R3119x072x
7.092
7.200
7.308
6.984
7.200
7.344
R3119x073x
7.191
7.300
7.409
7.081
7.300
7.446
R3119x074x
7.289
7.400
7.511
7.178
7.400
7.548
R3119x075x
7.388
7.500
7.612
7.275
7.500
7.650
R3119x076x
7.486
7.600
7.714
7.372
7.600
7.752
R3119x077x
7.585
7.700
7.815
7.469
7.700
7.854
R3119x078x
7.684
7.800
7.917
7.567
7.800
7.956
R3119x079x
7.782
7.900
8.018
7.663
7.900
8.058
R3119x080x
7.880
8.000
8.120
7.760
8.000
8.160
R3119x081x
7.979
8.100
8.221
7.858
8.100
8.262
R3119x082x
8.078
8.200
8.323
7.955
8.200
8.364
R3119x083x
8.176
8.300
8.424
8.052
8.300
8.466
R3119x084x
8.274
8.400
8.526
8.148
8.400
8.568
R3119x085x
8.373
8.500
8.627
8.246
8.500
8.670
R3119x086x
8.472
8.600
8.729
8.343
8.600
8.772
R3119x087x
8.570
8.700
8.830
8.440
8.700
8.874
R3119x088x
8.669
8.800
8.932
8.537
8.800
8.976
R3119x089x
8.767
8.900
9.033
8.634
8.900
9.078
R3119x090x
8.866
9.000
9.135
8.731
9.000
9.180
R3119x091x
8.964
9.100
9.236
8.828
9.100
9.282
R3119x092x
9.063
9.200
9.338
8.925
9.200
9.384
R3119x093x
9.161
9.300
9.439
9.022
9.300
9.486
R3119x094x
9.260
9.400
9.541
9.119
9.400
9.588
R3119x095x
9.358
9.500
9.642
9.216
9.500
9.690
R3119x096x
9.457
9.600
9.744
9.313
9.600
9.792
R3119x097x
9.555
9.700
9.845
9.410
9.700
9.894
R3119x098x
9.654
9.800
9.947
9.507
9.800
9.996
R3119x099x
9.752
9.900
10.048
9.604
9.900
10.098
R3119x100x
9.850
10.000
10.150
9.700
10.000
10.200
R3119x101x
9.949
10.100
10.251
9.797
10.100
10.302
R3119x102x
10.047
10.200
10.353
9.894
10.200
10.404
R3119x103x
10.146
10.300
10.454
9.991
10.300
10.506
R3119x104x
10.244
10.400
10.556
10.088
10.400
10.608
R3119x105x
10.343
10.500
10.657
10.185
10.500
10.710
R3119x106x
10.441
10.600
10.759
10.282
10.600
10.812
R3119x107x
10.540
10.700
10.860
10.379
10.700
10.914
R3119x108x
10.638
10.800
10.962
10.476
10.800
11.016
R3119x109x
10.737
10.900
11.063
10.573
10.900
11.118
R3119x110x
10.835
11.000
11.165
10.670
11.000
11.220
R3119x111x
10.934
11.100
11.266
10.767
11.100
11.322
R3119x112x
11.032
11.200
11.368
10.864
11.200
11.424
R3119x113x
11.131
11.300
11.469
10.961
11.300
11.526
R3119x114x
11.229
11.400
11.571
11.058
11.400
11.628
R3119x115x
11.328
11.500
11.672
11.155
11.500
11.730
R3119x116x
11.426
11.600
11.774
11.252
11.600
11.832
R3119x117x
11.525
11.700
11.875
11.349
11.700
11.934
R3119x118x
11.623
11.800
11.977
11.446
11.800
12.036
R3119x119x
11.722
11.900
12.078
11.543
11.900
12.138
R3119x120x
11.820
12.000
12.180
11.640
12.000
12.240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com