Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R3119X035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R3119x-Y Series
36 V Input VoltageDetectorwithDelay Function forIndustrialApplications
NO.EA-378-160613
1
OUTLINE
The R3119x is a CMOS-based 36 V input (absolute maximum ratings: 50 V) voltage detector (VD) provided
with high detector threshold accuracy and ultra-low supply current. Internally, the R3119x consists of a voltage
reference unit, a hysteresis comparator, a resistor net for setting output voltage and an output driver transistor.
The R3119xxxxA is equipped with a CD pin and the R3119xxxxE is equipped with a SENSE pin.
The supply current of IC is only 3.3 µA. The detector threshold range is 2.3 V to 12 V, and the detector threshold
accuracy is 1.5%. The output type is Nch. open drain “L” output.
The R3119x is offered in a small-size 6-pin DFN(PL)1820-6 package in addition to a 5-pin SOT-23-5 package.
This is a high-reliability semiconductor device for industrial applications (-Y) that has passed both the screening
at high temperature and the reliability test with extended hours. This line of products operate in a wide temperature
range from low temperature to high temperature to support harsh environment applications.
FEATURES
•
Operating Voltage Range (Maximum Rating) ·······················R3119xxxxA: 1.2 V to 36.0 V (50.0V)
R3119xxxxE: 2.1 V to 6.0 V (7.0V)
•
Operating Temperature Range ·········································· −50°C to 105°C
•
Supply Current ······························································Typ. 3.3 µA
•
Detector Threshold Range ···············································2.3 V to 12.0 V (0.1 V steps)
•
Detector Threshold Accuracy············································±1.5% (Ta=25°C)
•
Detector Threshold Temperature Coefficient ······················· Typ. ±100 ppm / °C
•
Release Output Delay Time············································· R3119xxxxA : Typ.85 ms (at CD= 0.01 µF)
•
Release Output Delay Time Accuracy ······························· R3119xxxxA : −50% to 80%
•
Output Type··································································Nch. Open Drain
•
Package ······································································DFN(PL)1820-6, SOT-23-5
APPLICATIONS
•
Industrial equipments such as FAs and smart meters
•
Equipments used under high-temperature conditions such as surveillance camera and vending machine
•
Equipments accompanied by self-heating such as motor and lighting


Similar Part No. - R3119X035X

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
R3119XXXXA NISSHINBO-R3119XXXXA Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
R3119XXXXE NISSHINBO-R3119XXXXE Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
More results

Similar Description - R3119X035X

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ELM Technology Corporat...
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ELM Technology Corporat...
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
VOLTAGE DETECTOR with Delay Function
logo
ELM Technology Corporat...
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com