Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 4 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  R3119X035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
R3119x-Y
NO.EA-378-160613
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage (R3119xxxxA)
−0.3 to 50.0
V
Supply Voltage (R3119xxxxE)
−0.3 to 7.0
V
VDOUT
DOUT Pin Output Voltage
−0.3 to 7.0
V
VCD
CD Pin Output Voltage (R3119xxxxA)
−0.3 to 7.0
V
VSENSE
SENSE Pin Input Voltage (R3119xxxxE)
−0.3 to 50.0
V
IOUT
DOUT Pin Output Current
20
mA
PD
Power Dissipation (DFN(PL)1820-6) *1
Standard Land Pattern
880
mW
Power Dissipation (SOT-23-5) *1
Standard Land Pattern
420
Tj
Junction Temperature
−50 to 125
°C
Tstg
Storage Temperature
−55 to 125
°C
*1 Please refer to PACKAGE INFORMATION for detailed information.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the lifetime and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings are not assured.
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED OPERATING RATING
Symbol
Item
Rating
Unit
VDD
Operating Voltage (R3119xxxxA)
1.25 to 36
V
Operating Voltage (R3119xxxxE)
2.1 to 6
V
VSENSE
SENSE Pin Input Voltage (R3119xxxxE)
0 to 36
V
Ta
Operating Temperature Range
−50 to 105
°C
RECOMMENDED OPERATING CONDITIONS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And
the semiconductor devices may receive serious damage when they continue to operate over the recommended
operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com