Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  R3119X035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
R3119x-Y
NO.EA-378-160613
5
ELECTRICAL CHARACTERISTICS
CD = 1000 pF, pulled-up to 5 V with 100 kΩ, unless otherwise specified.
The specifications surrounded by
are guaranteed by design engineering at -50°C ≤ Ta ≤105°C.
R3119xxxxA
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
VDD pin
Ta = 25°C
x 0.985
x 1.015
V
−50°C ≤ Ta ≤ 105°C
x 0.970
x 1.020
VHYS
Detector Threshold
Hysteresis
3.5
5
6.5
%
ISS
Supply Current
VDD = −VSET −0.1 V
3.3
5.6
µA
VDD = −VSET +1.0 V
3.3
5.5
VDDL
Minimum Operating
Voltage*1
Ta = 25°C
1.2
V
−40°C ≤ Ta ≤ 105°C
1.25 *2
−50°C ≤ Ta ≤ 105°C
1.3
IOUT
Output Current
(Nch Driver Output Pin)
VDD = 1.5 V, VDS = 0.05 V
230
µA
2.3 V ≤ −VSET < 2.6 V VDD = 2.2 V
VDS = 0.5 V
2.8
mA
2.6 V ≤ −VSET < 3.0 V VDD = 2.5 V
VDS = 0.5 V
3.3
3.0V ≤ −VSET
VDD = 2.9 V
VDS = 0.5 V
3.5
ILEAK
Nch. Driver Leakage
Current
VDD = 36 V, VDS = 6.0 V
0.2
µA
tdelay Release Output Delay
Time
VDD = 1.5 V →
−VSET + 2.0 V
CD = 0.01 µF
−40°C ≤ Ta ≤ 105°C
45
85
150 *2
ms
−50°C ≤ Ta ≤ 105°C
45
85
200
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25ºC).
*1 The value is the minimum operating voltage when the output voltage is 0.1 V or less at detection.
(The pull-up resistance; 100 kΩ, the pull-up voltage; 5.0 V)
*2 Guaranteed by design engineering at Ta = −40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com