Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3119X035X Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
R3119x-Y
NO.EA-378-160613
6
CD = 1000 pF, pulled-up to 5 V with 100 kΩ, unless otherwise specified.
The specifications surrounded by
are guaranteed by design engineering at -50°C ≤ Ta ≤105°C.
R3119xxxxE
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
SENSE pin
VDD = 6 V
Ta = 25°C
x 0.985
x 1.015
V
−50°C ≤ Ta ≤ 105°C
x 0.970
x 1.020
VHYS
Detector Threshold
Hysteresis
VDD = 6 V
3.5
5
6.5
%
ISS
Supply Current
VDD = 6 V, VSENSE = −VSET − 0.1 V
3.3
5.5
µA
VDD = 6 V, VSENSE = −VSET + 1.0 V
3.3
5.5
VDDL
Minimum Operating
Voltage*1
2.1
V
RSENSE SENSE Resistance
4.5
120
MΩ
IOUT
Output Current
(Nch. Driver Output Pin)
VSENSE < −VDET
VDD = 2.1 V
VDS = 0.05 V
420
µA
VSENSE < −VDET
VDD = 2.2 V
VDS = 0.5 V
2.8
mA
ILEAK
Nch. Driver Leakage
Current
VDD = 6 V, VSENSE = 36 V, VDS = 6.0 V
0.2
µA
tPLH
Release Output Delay
Time
VDD = 6 V
VSENSE = 1.5 V → −VSET + 2.0 V
15
µs
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25ºC).
*1 The value is the minimum operating voltage to define VDOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com