Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6711 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 1 Page - STMicroelectronics

  L6711 Datasheet HTML 1Page - STMicroelectronics L6711 Datasheet HTML 2Page - STMicroelectronics L6711 Datasheet HTML 3Page - STMicroelectronics L6711 Datasheet HTML 4Page - STMicroelectronics L6711 Datasheet HTML 5Page - STMicroelectronics L6711 Datasheet HTML 6Page - STMicroelectronics L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
April 2006
Rev 4
1/50
50
L6711
3 Phase controller with dynamic VID and selectable DACs
Features
■
2A integrated gate drivers
■
Fully differential current reading across
inductor or LS MOSFET
■
0.5% Output voltage accuracy
■
6 bit programmable output from 0.8185V to
1.5810V in 12.5mV steps
■
5 bit programmable output from 0.800V to
1.550V in 25mV steps
■
Dynamic VID management
■
Adjustable reference voltage offset
■
3% active current sharing accuracy
■
Digital 2048 step soft-start
■
Programmable over voltage protection
■
Integrated temperature sensor
■
Constant over current protection
■
Oscillator internally fixed at 150kHz (450kHz
ripple) externally adjustable
■
Output enable
■
Integrated remote sense buffer
■
TQFP48 7x7 Package with exposed pad
Applications
■
High current VRM/VRD for desktop / Server /
Workstation CPUs
■
High density DC/DC Converters
Order codes
Description
The device implements a three phase step-down
controller with a 120° phase-shift between each
phase with integrated high current drivers in a
compact 7x7mm body package with exposed pad.
The device embeds selectable DAC: the output
voltage ranges from 0.8185V to 1.5810V with
12.5mV steps (VID_SEL = OPEN) or from 0.800V
to 1.550V with 25mV steps (VID_SEL = GND;
VID5 drives an optional +25mV offset) managing
dynamic VID with 0.5% accuracy over line and
temp variations. Additional programmable offset
can be added to the voltage reference with a
single external resistor.
The device assures a fast protection against load
over current and load over/under voltage. An
internal crowbar is provided turning on the low
side mosfet if an over-voltage is detected.
In case of over-current, the system works in
Constant Current mode until UVP.
Selectable current reading adds flexibility in
system design.
TQFP48 (Exposed Pad)
Part Number
Package
Packing
L6711
TQFP48
Tube
L6711TR
TQFP48
Tape & Reel
www.st.com


Similar Part No. - L6711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711TR STMICROELECTRONICS-L6711TR Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
More results

Similar Description - L6711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Dec-2002
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Sep-2003
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
logo
Richtek Technology Corp...
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
Multi-Phase PWM Controller with PWM-VID Reference
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com