Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6711 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics L6711 Datasheet HTML 31Page - STMicroelectronics L6711 Datasheet HTML 32Page - STMicroelectronics L6711 Datasheet HTML 33Page - STMicroelectronics L6711 Datasheet HTML 34Page - STMicroelectronics L6711 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
L6711
Enable and disable
31/50
12
Enable and disable
The device has three different supplies: VCC pin to supply the internal control logic,
VCCDRx to supply the low side drivers and BOOTx to supply the high side drivers. If the
voltage at pins VCC and VCCDRx are not above the turn on thresholds specified in the
Electrical Characteristics, the device is shut down: all drivers keep the mosfets off to show
high impedance to the load. Once the device is correctly supplied, proper operation is
assured but the device can be controlled in different ways:
●
OUTEN pin. It can be used to control the power sequencing in complex systems.
Setting the pin free, the device implements a soft start up to the programmed voltage.
Shorting the pin to SGND, it resets the device (SS_END is shorted to SGND in this
condition and protections are disabled except pre-OVP) from any latched condition and
also disables the device keeping all the mosfet turned off to show high impedance to
the load. It can be then cycled to recover from any latched condition such as OVP and
UVP.
●
NOCPU (VID [0;5]=11111x) In this condition (VID5 state is irrelevant) the device is
disabled and keeps all the mosfet turned off to show high impedance to the load.
Nevertheless, it waits for any VID code transition to power up implementing a soft start.
During this condition, SS_END pin is shorted to SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com