Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6711 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 32Page - STMicroelectronics L6711 Datasheet HTML 33Page - STMicroelectronics L6711 Datasheet HTML 34Page - STMicroelectronics L6711 Datasheet HTML 35Page - STMicroelectronics L6711 Datasheet HTML 36Page - STMicroelectronics L6711 Datasheet HTML 37Page - STMicroelectronics L6711 Datasheet HTML 38Page - STMicroelectronics L6711 Datasheet HTML 39Page - STMicroelectronics L6711 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Output voltage monitor and protections
L6711
36/50
14.5.2
Constant current operation
This happens when the on-time limitation is reached after the valley current in each phase
reaches IOCPx (IINFOx > IOCTH).
The device enters in Quasi-Constant-Current operation: the low-side mosfets stays ON until
the current read becomes lower than IOCPx (IINFOx < IOCTH) skipping clock cycles. The high
side mosfet can be then turned ON with a TON imposed by the control loop after the LS turn-
off and the device works in the usual way until another OCP event is detected.
This means that the average current delivered can slightly increase in Quasi-Constant-
Current operation since the current ripple increases. In fact, the ON time increases due to
the OFF time rise because of the current has to reach the IOCPx bottom. The worst-case
condition is when the ON time reaches its maximum value.
When this happens, the device works in Constant Current and the output voltage decrease
as the load increase. Crossing the UVP threshold causes the device to latch driving high the
OSC pin (Figure 18 shows this working condition).
It can be observed that the peak current (Ipeak) is greater than IOCPx but it can be
determined as follow:
Where VoutMIN is the UVP threshold, (inductor saturation must be considered). When that
threshold is crossed, all mosfets are turned off, the FAULT pin is driven high and the device
stops working. Cycle the power supply or the OUTEN pin to restart operation.
The maximum average current during the Constant-Current behavior results:
In this particular situation, the switching frequency for each phase results reduced. The ON
time is the maximum allowed (TonMAX) while the OFF time depends on the application:
The transconductance resistor Rg can be designed considering that the device limits the
bottom of the inductor current ripple and also considering the additional current delivered
during the quasi-constant-current behavior as previously described in the worst case
conditions.
Moreover, when designing D-VID compatible systems, the additional current due to the
output filter charge during dynamic VID transitions must be considered.
where
I
PEAK
I
OC Px
V
IN
Vout
MI N
L
-------------------------------------- TonMAX
+
I
OCPx
V
IN
Vout
MIN
L
-------------------------------------- 0.40 TSW
⋅⋅
+
==
I
MAX,TOT
3I
MAX
3I
OCPx
Ipeak
I
OCPx
2
-------------------------------------
+
⎝⎠
⎛⎞
==
T
OFF
L
Ipeak
I
OCPx
V
ou t
-------------------------------------
=
F
1
T
on Ma x
T
OFF
+
---------------------------------------
=
Rg
I
OCPx max
() RSENSE max
()
I
OC TH min
()
---------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
3
---------------------------
I
PP
2
------------
I
D-VID
3
--------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com