Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 32Page - Renesas Technology Corp DA7217 Datasheet HTML 33Page - Renesas Technology Corp DA7217 Datasheet HTML 34Page - Renesas Technology Corp DA7217 Datasheet HTML 35Page - Renesas Technology Corp DA7217 Datasheet HTML 36Page - Renesas Technology Corp DA7217 Datasheet HTML 37Page - Renesas Technology Corp DA7217 Datasheet HTML 38Page - Renesas Technology Corp DA7217 Datasheet HTML 39Page - Renesas Technology Corp DA7217 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 36
9.2.1.4
Input Amplifiers
The two input amplifiers provide an additional gain stage between the microphone amplifiers (see Section
9.2.1.2 and Figure 7) and the ADC inputs. The input amplifier (MIXIN_1_CTRL) is enabled by setting
mixin_1_amp_en = 1.
The gain can be set in the range of
–4.5 dB to +18 dB in 1.5 dB steps using MIXIN_1_GAIN. It is recommended
that gain updates be ramped through all intermediate values by setting mixin_1_amp_ramp_en = 1. This ramp
setting overrides the settings of mixin_1_amp_zc_en.
As an alternative to zero-cross synchronization, gain updates can be synchronized with signal zero-crossings by
setting mixin_1_amp_zc_en = 1. If no zero-crossing is detected within the timeout period of approximately
100 ms, the update is applied unconditionally.
The amplifier can be muted using mixin_1_amp_mute_en. The single input to the first amplifier can be
deselected by setting mixin_1_mix_sel = 0.
The second input amplifier (MIXIN_2_CTRL) is controlled in the same manner as MIXIN_1_CTRL.
Table 28: MIXIN_1_GAIN and MIXIN_2_GAIN gain settings
mixin_1_amp_gain
mixin_2_amp_gain
Amplifier Gain (dB)
0000
-4.5
0001
-3.0
0010
-1.5
0011
0.0
0100
1.5
0101
3.0
0110
4.5
0111
6.0
1000
7.5
1001
9.0
1010
10.5
1011
12.0
1100
13.5
1101
15.0
1110
16.5
1111
18.0
9.2.2
Analog to Digital Converters
The DA7217 codec contains stereo audio analog to digital converters (ADCs). These can run either in low-power
mode for always-on applications or in high-performance mode for other applications.
Each ADC is automatically enabled whenever the input filters are enabled and digital microphones are not
enabled.
Not all sample rates are supported in all modes. Table 29 describes which sample rates are supported in each
mode.
Table 29: Supported sample rates in different modes
Sample Rate (kHz)
Low Power Mode
adc_lp_mode = 1
Normal Mode
adc_lp_mode = 0
voice_en = 1
voice_en = 0
voice_en = 1
voice_en = 0
8.0
Supported
Supported
Supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com