Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 57Page - Renesas Technology Corp DA7217 Datasheet HTML 58Page - Renesas Technology Corp DA7217 Datasheet HTML 59Page - Renesas Technology Corp DA7217 Datasheet HTML 60Page - Renesas Technology Corp DA7217 Datasheet HTML 61Page - Renesas Technology Corp DA7217 Datasheet HTML 62Page - Renesas Technology Corp DA7217 Datasheet HTML 63Page - Renesas Technology Corp DA7217 Datasheet HTML 64Page - Renesas Technology Corp DA7217 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 61
cp_thresh_vdd2 Setting
Approximate Switching Point
Notes
0x02
-32 dBFS
Not recommended. Power-inefficient as nearly
always VDD/1
0x03
-24 dBFS
May be used
0x04
-20 dBFS
May be used
0x05
-17 dBFS
May be used
0x06
-15 dBFS
Recommended setting
0x07
-13 dBFS
May be used
0x08
-12 dBFS
May be used
0x09
-11 dBFS
May be used
0x0A
-10 dBFS
May be used
0x0B
-9 dBFS
Not recommended. VDD/2 begins to clip
0x0C
Never
Not recommended. Always VDD/2 mode
0x0D
Never
Not recommended. Always VDD/2 mode
0x0E
Never
Not recommended. Always VDD/2 mode
0x0F
Never
Not recommended. Always VDD/2 mode
9.4.3.1
Charge Pump Initial and Switching Current
At start-up, and when moving from VDD/2 to VDD/1 the charge pump output capacitors will be charged from the
VDD supply rail. The initial current spike of 100 ns will be approximately 500 mA for a 1
µF output capacitor.
Ensure that the supply to VDD is capable of delivering this current. Placing a larger input capacitor on VDD will
reduce the amount of instantaneous current pulled directly from the 1.8 V supply.Note that this does not apply to
single supply mode operation.
Similarly, when moving from VDD/1 to VDD/2 the charge pump output capacitors will be discharged through the
VDD supply rail. The initial current spike of 100 ns being sunk through VDD will be approximately 100 mA for a
1
µF capacitor. Ensure that the supply to VDD is capable of sinking this current. Note that this does not apply to
single supply mode operation.
9.4.4
Tracking the Demands on the Charge Pump Output
There are three points at which the demands on the charge pump can be tracked. These tracking points are
determined by cp_mchange.
9.4.4.1
cp_mchange = 00 (Manual Mode)
If cp_mchange = 00, the voltage level is controlled by the cp_mod setting.
9.4.4.2
cp_mchange = 01 (Tracking the PGA Gain Setting)
If cp_mchange = 01, the PGA gain setting is tracked, and provides feedback to boost the clock frequency when
necessary.
9.4.4.3
cp_mchange = 10 (Tracking the DAC Signal Setting)
If cp_mchange = 01, the size of the DAC signal is tracked, and provides the feedback to boost the clock
frequency when necessary.
9.4.4.4
cp_mchange = 11 (Tracking the Output Signal Magnitude)
If cp_mchange = 01, the magnitude of the output signal is tracked, and provides the feedback to boost the clock
frequency when necessary.
9.4.5
Specifying Clock Frequencies when Tracking the Charge Pump Output
Demand
cp_fcontrol specifies the frequency of the charge pump clock. The frequency is fixed and is set manually if
cp_mchange = 00 (see Section 9.4.4.1). The available frequency settings are SYS_CLK/8 (the absolute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com