Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 17Page - Renesas Technology Corp DA7217 Datasheet HTML 18Page - Renesas Technology Corp DA7217 Datasheet HTML 19Page - Renesas Technology Corp DA7217 Datasheet HTML 20Page - Renesas Technology Corp DA7217 Datasheet HTML 21Page - Renesas Technology Corp DA7217 Datasheet HTML 22Page - Renesas Technology Corp DA7217 Datasheet HTML 23Page - Renesas Technology Corp DA7217 Datasheet HTML 24Page - Renesas Technology Corp DA7217 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 21
5.
Absolute Maximum Ratings
Table 3: Absolute maximum ratings (Note 1)
Parameter
Description
Conditions
Min
Max
Unit
Storage temperature
–65
+165
°C
Ta
Operating temperature
–40
+85
°C
VDD
Main supply voltage
–0.3
+2.75
V
VDD_IO
Digital IO supply voltage
–0.3
+5.5
V
VDD_MIC
Microphone bias supply
voltage
–0.3
+5.5
V
VDDIO
Digital IO pins
SDA, SCL, AD, BCLK, WCLK,
DATIN, DATOUT, MCLK, nIRQ
–0.3
VDD_IO + 0.3
V
Digital microphone IO pins
DMIC1CLK, DMIC1IN
–0.3
VMICBIAS1 + 0.3
V
Digital microphone IO pins
DMIC2CLK, DMIC2IN
-0.3
VMICBIAS2 + 0.3
V
Analog input pins
MIC1_P, MIC1_N, MIC2_P,
MIC2_N
–0.3
VDD + 0.3
V
Package thermal
resistance
60
°CW
VESD_HBM
ESD susceptibility
Human body model (HBM)
2
kV
Note 1
Stresses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
6.
Recommended Operating Conditions
Table 4: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
Ta
Operating temperature
–25
+85
°C
VDD
Main supply voltage
+1.7
+2.65
V
VDD_IO
Digital IO supply voltage
+1.5
+3.6
V
VDD_MIC
Microphone bias supply
voltage
+1.8
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com