Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 7Page - Renesas Technology Corp DA7217 Datasheet HTML 8Page - Renesas Technology Corp DA7217 Datasheet HTML 9Page - Renesas Technology Corp DA7217 Datasheet HTML 10Page - Renesas Technology Corp DA7217 Datasheet HTML 11Page - Renesas Technology Corp DA7217 Datasheet HTML 12Page - Renesas Technology Corp DA7217 Datasheet HTML 13Page - Renesas Technology Corp DA7217 Datasheet HTML 14Page - Renesas Technology Corp DA7217 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 11
Table 160: MICBIAS_CTRL (Page 0: 0x000000FC) ........................................................................................... 106
Table 161: MICBIAS_EN (Page 0: 0x000000FD) ............................................................................................... 106
Table 162: Register map mixin_cor_00 page 0................................................................................................... 107
Table 163: MIXIN_1_CTRL (Page 0: 0x0000002C) ............................................................................................ 107
Table 164: MIXIN_1_GAIN (Page 0: 0x0000002D) ............................................................................................ 107
Table 165: MIXIN_2_CTRL (Page 0: 0x0000002E) ............................................................................................ 108
Table 166: MIXIN_2_GAIN (Page 0: 0x0000002F) ............................................................................................. 108
Table 167: Register map mixout_cor_00 page 0................................................................................................. 108
Table 168: MIXOUT_L_CTRL (Page 0: 0x000000CC) ....................................................................................... 109
Table 169: MIXOUT_L_GAIN (Page 0: 0x000000CD) ........................................................................................ 109
Table 170: MIXOUT_R_CTRL (Page 0: 0x000000CE) ....................................................................................... 109
Table 171: MIXOUT_R_GAIN (Page 0: 0x000000CF)........................................................................................ 109
Table 172: Register map out_filter_config_cor_00 page 0.................................................................................. 109
Table 173: OUT_1_HPF_FILTER_CTRL (Page 0: 0x00000024) ....................................................................... 110
Table 174: OUT_1_EQ_12_FILTER_CTRL (Page 0: 0x00000025) ................................................................... 111
Table 175: OUT_1_EQ_34_FILTER_CTRL (Page 0: 0x00000026) ................................................................... 111
Table 176: OUT_1_EQ_5_FILTER_CTRL (Page 0: 0x00000027) ..................................................................... 112
Table 177: OUT_1_BIQ_5STAGE_CTRL (Page 0: 0x00000028) ...................................................................... 112
Table 178: OUT_1_BIQ_5STAGE_DATA (Page 0: 0x00000029) ...................................................................... 112
Table 179: OUT_1_BIQ_5STAGE_ADDR (Page 0: 0x0000002A) ..................................................................... 112
Table 180: Register map out_filter_cor_00 page 0 ............................................................................................. 113
Table 181: OUT_1L_FILTER_CTRL (Page 0: 0x00000020) .............................................................................. 113
Table 182: OUT_1R_FILTER_CTRL (Page 0: 0x00000021) .............................................................................. 113
Table 183: Register map pll_cor_00 page 0........................................................................................................ 114
Table 184: PLL_CTRL (Page 0: 0x00000091) .................................................................................................... 114
Table 185: PLL_FRAC_TOP (Page 0: 0x00000092) .......................................................................................... 115
Table 186: PLL_FRAC_BOT (Page 0: 0x00000093) .......................................................................................... 115
Table 187: PLL_INTEGER (Page 0: 0x00000094) ............................................................................................. 115
Table 188: PLL_STATUS (Page 0: 0x00000095) ............................................................................................... 115
Table 189: PLL_REFOSC_CAL (Page 0: 0x00000098) ..................................................................................... 116
Table 190: Register map references_cor_00 page 0 .......................................................................................... 116
Table 191: REFERENCES (Page 0: 0x000000DC) ............................................................................................ 116
Table 192: Register map router_cor_00 page 0.................................................................................................. 116
Table 193: DROUTING_OUTDAI_1L (Page 0: 0x0000005C) ............................................................................ 119
Table 194: DMIX_OUTDAI_1L_INFILT_1L_GAIN (Page 0: 0x0000005D)......................................................... 119
Table 195: DMIX_OUTDAI_1L_INFILT_1R_GAIN (Page 0: 0x0000005E) ........................................................ 119
Table 196: DMIX_OUTDAI_1L_INFILT_2L_GAIN (Page 0: 0x0000005F) ......................................................... 120
Table 197: DMIX_OUTDAI_1L_INFILT_2R_GAIN (Page 0: 0x00000060)......................................................... 120
Table 198: DMIX_OUTDAI_1L_TONEGEN_GAIN (Page 0: 0x00000061) ........................................................ 120
Table 199: DMIX_OUTDAI_1L_INDAI_1L_GAIN (Page 0: 0x00000062)........................................................... 121
Table 200: DMIX_OUTDAI_1L_INDAI_1R_GAIN (Page 0: 0x00000063) .......................................................... 121
Table 201: DROUTING_OUTDAI_1R (Page 0: 0x00000064) ............................................................................ 121
Table 202: DMIX_OUTDAI_1R_INFILT_1L_GAIN (Page 0: 0x00000065)......................................................... 122
Table 203: DMIX_OUTDAI_1R_INFILT_1R_GAIN (Page 0: 0x00000066) ........................................................ 122
Table 204: DMIX_OUTDAI_1R_INFILT_2L_GAIN (Page 0: 0x00000067)......................................................... 122
Table 205: DMIX_OUTDAI_1R_INFILT_2R_GAIN (Page 0: 0x00000068) ........................................................ 123
Table 206: DMIX_OUTDAI_1R_TONEGEN_GAIN (Page 0: 0x00000069) ........................................................ 123
Table 207: DMIX_OUTDAI_1R_INDAI_1L_GAIN (Page 0: 0x0000006A).......................................................... 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com