Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 82Page - Renesas Technology Corp DA7217 Datasheet HTML 83Page - Renesas Technology Corp DA7217 Datasheet HTML 84Page - Renesas Technology Corp DA7217 Datasheet HTML 85Page - Renesas Technology Corp DA7217 Datasheet HTML 86Page - Renesas Technology Corp DA7217 Datasheet HTML 87Page - Renesas Technology Corp DA7217 Datasheet HTML 88Page - Renesas Technology Corp DA7217 Datasheet HTML 89Page - Renesas Technology Corp DA7217 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 86
Table 100: DAI_CTRL (Page 0: 0x0000008C)
Bit
Mode
Symbol
Description
Reset
7
R/W
dai_en
DAI control
0 = DAI disabled. No data transfer.
1 = DAI enabled. Input and output data channels can be
enabled using dai_ch_num.
0x0
6:4
R/W
dai_ch_num
DAI Channel control
000 = No channels are enabled
001 = Channel 1L enabled
010 = Channel 1L and 1R enabled
011 = Channel 1L, 1R and 2L enabled
100 = Channel 1L, 1R, 2L and 2R enabled
101 to 111 = Reserved
0x2
3:2
R/W
dai_word_length
DAI data word length
00 = 16 bits per channel
01 = 20 bits per channel
10 = 24 bits per channel
11 = 32 bits per channel
0x2
1:0
R/W
dai_format
DAI data format
00 = I2S mode
01 = left justified mode
10 = right justified mode
11 = DSP mode
0x0
Table 101: DAI_TDM_CTRL (Page 0: 0x0000008D)
Bit
Mode
Symbol
Description
Reset
7
R/W
dai_tdm_mode_en
DAI TDM mode control.
In TDM mode the output is high impedence when not
actively driving data. This allows other devices to share
the DATOUT line.
0 = DAI in normal mode
1 = DAI in TDM mode
0x0
6
R/W
dai_oe
DAI output control
0 = DAI DATOUT pin is high impedence
1 = DAI DATOUT pin is driven when required
0x1
3:0
R/W
dai_tdm_ch_en
DAI TDM channel control
bit 0: Channel 1L
bit 1: Channel 1R
bit 2: Channel 2L
bit 3: Channel 2R
On each bit
0 = Channel is disabled
1 = Channel is enabled
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com