Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7217 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7217
Description  Ultra-Low Power Stereo Codec
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 53Page - Renesas Technology Corp DA7217 Datasheet HTML 54Page - Renesas Technology Corp DA7217 Datasheet HTML 55Page - Renesas Technology Corp DA7217 Datasheet HTML 56Page - Renesas Technology Corp DA7217 Datasheet HTML 57Page - Renesas Technology Corp DA7217 Datasheet HTML 58Page - Renesas Technology Corp DA7217 Datasheet HTML 59Page - Renesas Technology Corp DA7217 Datasheet HTML 60Page - Renesas Technology Corp DA7217 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
Ultra-Low Power Stereo Codec
R32DS0005EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 57
NOTE
The gain settings for each gain-control register listed above are listed in Table 41.
Table 41: Gain settings and values for all registers listed in Table 40
Gain Register Setting
Value (dB)
Gain Register Setting
Value (dB)
00000
-42.0
10000
-18.0
00001
-40.5
10001
-16.5
00010
-39.0
10010
-15.0
00011
-37.5
10011
-13.5
00100
-36.0
10100
-12.0
00101
-34.5
10101
-10.5
00110
-33.0
10110
-9.0
00111
-31.5
10111
-7.5
01000
-30.0
11000
-6.0
01001
-28.5
11001
-4.5
01010
-27.0
11010
-3.0
01011
-25.5
11011
-1.5
01100
-24.0
11100
(default setting on all registers)
0.0
01101
-22.5
11101
1.5
01110
-21.0
11110
3.0
01111
-19.5
11111
4.5
9.3.4.8
Digital Gain
9.3.4.8.1
Input Channel Gain
The four input filter channels can be set to apply gain in the range of -83.25 dB to +12 dB in 0.75 dB steps by
programming in_1l_digital_gain, in_1r_digital_gain, in_2l_digital_gain, and in_2r_digital_gain.
9.3.4.8.2
Output Channel Gain
The two output filter channels can be set to apply gain in the range of -83.25 dB to +108 dB in 0.75 dB steps by
programming out_1l_digital_gain and out_1r_digital_gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com